|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
1 isl80102, ISL80103 high performance 2a and 3a ldos isl80102, ISL80103 the isl80102 and ISL80103 are low voltage, high-current, single output ldos specified for 2a and 3a output current, respectively. these parts operate from input voltages of 2.2v to 6v and are capable of providing output voltages of 0.8v to 5v on the adjustable v out versions. fixed output voltage options available in 0.8v, 1.2v, 1.5v, 1.8v, 2.5v, 3.3v and 5v. other custom voltage options available upon request. for applications that demand in-rush current less than current limit, an external capacitor on the in-rush set pin provides adjustment. the enab le feature allows the part to be placed into a low quiescent current shutdown mode. sub-micron cmos process is utilized for this product family to deliver the best in class analog performance and overall value. these cmos ldos will consume significantly lower quiescent current as a function of load over bipolar ldos, which translates into higher efficiency and the ability to consider packages with smaller footprints. quiescent current is modestly compromised to enable a leading class fast load transient response, and hence a lower total ac regulation band fo r an ldo in this category. pin configuration isl80102, ISL80103 (10 ld 3x3 dfn) top view features ? 0.5% initial v out accuracy ? designed for 2.2v to 6v input supply ? 1.8% guaranteed v out accuracy for junction temperature range from -40c to +125c ? 185mv dropout @ 3a, 125mv dropout @ 2a ? fast load transient response ? rated output current options of 2a and 3a ? adjustable in-rush current limiting ? fixed and adjustable v out options available ? 65db typical psrr ? output noise of 100v rms between 300hz to 300khz ?pg feature ?900mv enable input threshold ? short-circuit current protection ? 1a peak reverse current ? over-temperature shutdown ? any cap stable with minimum 10f ceramic ? available in a 10 ld dfn package and soon to follow to220-5, to263-5 and sot223-5 (1a and 2a versions) ? pb-free (rohs compliant) applications* (see page 15) ? dsp, fpga and p core power supplies ? noise-sensitive instrumentation systems ? post regulation of switched mode power supplies ? industrial systems ?medical equipment ? telecommunications and networking equipment ?servers ? hard disk drives (hd/hdd) 2 3 4 1 5 9 8 7 10 6 v out v out sense/adj pg gnd v in v in dnc enable ss september 30, 2009 fn6660.0 caution: these devices are sensitive to electrostatic discharge; follow proper ic handling procedures. 1-888-intersil or 1-888-468-3774 | intersil (and design) is a registered trademark of intersil americas inc. copyright intersil americas inc. 2009. all rights reserved all other trademarks mentioned are the property of their respective owners.
2 fn6660.0 september 30, 2009 block diagram pin descriptions pin number pin name description 1, 2 v out output voltage pin. 3 sense/adj remote voltage sense for internally fixed v out options. adj pin for externally set v out . 4pgv out in regulation signal. logic low defines when v out is not in regulation. must be grounded if not used. 5gndgnd pin. 6 ss external cap controls in-rush current. 7enable v in independent chip enable. ttl and cmos compatible. 8 dnc do not connect this pin to ground or supply. leave floating. 9, 10 v in input supply pin. epad must be soldered directly to gnd plane 10a 10a r7 r8 r9 r4 m5 m4 en en en en en en m7 500mv 485mv 500mv m3 power pmos m1 vin vout sns r1 r4 r2 r3 gnd pg adj level shift m2 + - + - + - + - + - + - + - v to i ss il/10,000 il isl80102, ISL80103 3 fn6660.0 september 30, 2009 typical applications figure 1. figure 2. v in pg enable ss gnd sense/adj v in v out 1 2 3 5 4 7 9 10 6 10k 100k 10f 10 f 2.5v 10% 1.8v 1.8% (*note 12) isl80102 v out ISL80103 fixed v in pg enable ss gnd v in v out isl80102 1 2 5 4 7 9 10 6 ad justable 10k 100k 10f 10 f 2.5v 10% 1.8v 1.8% (*note 12) se nse/adj 2.6k 1k v out ISL80103 isl80102, ISL80103 4 fn6660.0 september 30, 2009 ordering information part number part marking v out voltage (note 4) temp. range (c) package (pb-free) pkg dwg. # isl80102irajz (notes 1, 3) dzja adj -40 to +125 10 ld 3x3 dfn l10.3x3 isl80102ir08z (notes 1, 3) dzka 0.8v -40 to +125 10 ld 3x3 dfn l10.3x3 isl80102ir12z (notes 1, 3) dzla 1.2v -40 to +125 10 ld 3x3 dfn l10.3x3 isl80102ir15z (notes 1, 3) dzma 1.5v -40 to +125 10 ld 3x3 dfn l10.3x3 isl80102ir18z (notes 1, 3) dzna 1.8v -40 to +125 10 ld 3x3 dfn l10.3x3 isl80102ir25z (notes 1, 3) dzpa 2.5v -40 to +125 10 ld 3x3 dfn l10.3x3 isl80102ir33z (notes 1, 3) dzra 3.3v -40 to +125 10 ld 3x3 dfn l10.3x3 isl80102ir50z (notes 1, 3) dzsa 5.0v -40 to +125 10 ld 3x3 dfn l10.3x3 ISL80103irajz (notes 1, 3) dzaa adj -40 to +125 10 ld 3x3 dfn l10.3x3 ISL80103ir08z (notes 1, 3) dzba 0.8v -40 to +125 10 ld 3x3 dfn l10.3x3 ISL80103ir12z (notes 1, 3) dzca 1.2v -40 to +125 10 ld 3x3 dfn l10.3x3 ISL80103ir15z (note 3) dzda 1.5v -40 to +125 10 ld 3x3 dfn l10.3x3 ISL80103ir15z-t (notes 2, 3) dzda 1.5v -40 to +125 10 ld 3x3 dfn tape and reel l10.3x3 ISL80103ir18z (notes 1, 3) dzea 1.8v -40 to +125 10 ld 3x3 dfn l10.3x3 ISL80103ir25z (notes 1, 3) dzfa 2.5v -40 to +125 10 ld 3x3 dfn l10.3x3 ISL80103ir33z (note 3) dzga 3.3v -40 to +125 10 ld 3x3 dfn l10.3x3 ISL80103ir33z-t (notes 2, 3) dzga 3.3v -40 to +125 10 ld 3x3 dfn tape and reel l10.3x3 ISL80103ir50z (note 3) dzha 5.0v -40 to +125 10 ld 3x3 dfn l10.3x3 ISL80103ir50z-t (notes 2, 3) dzha 5.0v -40 to +125 10 ld 3x3 dfn tape and reel l10.3x3 notes: 1. add ?-t? or ?-tk? suffix for tape and reel. please refer to tb347 for details on reel specifications. 2. please refer to tb347 for details on reel specifications. 3. these intersil pb-free plastic packaged products employ special pb-free material sets, molding compounds/die attach materials, and 100% matte tin pl ate plus anneal (e3 termination finish, which is rohs compliant and compatible with both snpb and pb-free soldering operations). inte rsil pb-free products are msl classified at pb-free peak reflow temperatures that meet or exceed the pb-free requirements of ipc/jedec j std-020. 4. for other output voltages , contact intersil marketing. 5. for moisture sensitivity level (msl), please see device in formation page for isl80102, ISL80103 . for more information on msl please see techbrief tb363 . isl80102, ISL80103 5 fn6660.0 september 30, 2009 absolute maximum ratings (note 8) thermal information v in relative to gnd . . . . . . . . . . . . . . . . . . -0.3v to +6.5v v out relative to gnd . . . . . . . . . . . . . . . . . -0.3v to +6.5v pg, enable, sense/adj, ss relative to gnd. . . . . . . . . . . . . . . . . . . . -0.3v to +6.5v recommended operating conditions junction temperature range (t j ) . . . . . . . -40c to +125c vin relative to gnd . . . . . . . . . . . . . . . . . . . . . 2.2v to 6v v out range . . . . . . . . . . . . . . . . . . . . . . . . . . 800mv to 5v pg, enable, sense/adj, ss relative to gnd . . . . . 0v to 6v pg sink current . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10ma thermal resistance (typical) ja (c/w) jc (c/w) 10 ld 3x3 dfn package (notes 6, 7) 45 4 maximum junction temperature (plastic package). . . +150c storage temperature range . . . . . . . . . . . -65c to +150c pb-free reflow profile . . . . . . . . . . . . . . . . . .see link below http://www.intersil.com/pbfree/pb-freereflow.asp caution: do not operate at or near the maximum ratings listed for extended periods of time. exposure to such conditions may adv ersely impact product reliability and result in failures not covered by warranty. notes: 6. ja is measured in free air with the component mounted on a high effective thermal conductivity test board with ?direct attach? features. see tech brief tb379. 7. for jc , the ?case temp? location is the center of the exposed metal pad on the package underside. 8. abs max voltage rating is defined as the voltage applied for a lifetime average duty cycle above 6v of 1%. electrical specifications unless otherwise noted, all parameters ar e established over the following specified conditions: v in = v out + 0.4v, v out = 1.8v, c in = c out = 10f, t j = +25c, i l = 0a applications must follow thermal guidelines of the package to determine worst case junction temperature. please refer to ?applicat ion section? on page 7 and tech brief tb379 . boldface limits apply over the operat ing temperature range, -40c to +125c. pulse load techniques used by ate to ensure t j = t a defines establ ished limits. parameter symbol test conditions min (note 9) typ max (note 9) units dc characteristics dc output voltage accuracy v out v out options: 0.8v, 1.2v, 1.5v and 1.8v 2.2v < v in < 3.6v; 0a < i load < 3a -1.8 0.5 1.8 % v out options: 2.5v, 3.3v and 5.0v v out + 0.4v < v in < 6v; 0a < i load < 3a -1.8 0.5 -1.8 % feedback pin (adj option only) v fb 2.2v < v in < 6v, 0a < i load < 3a 491 500 509 mv dc input line regulation v out / v in v out + 0.4v < v in < 3.6v, v out = 1.8v 0.1 0.4 % v out + 0.4v < v in < 6v, v out = 2.5v 0.1 0.8 % dc output load regulation v out / i ou t 0a < i load < 3a, all voltage options -0.8 % 0a < i load < 2a, all voltage options -0.6 % feedback input current v adj = 0.5v 0.01 1 a ground pin current i q i load = 0a, 2.2v < v in < 6v 7.5 9 ma i load = 3a, 2.2v < v in < 6v 8.5 12 ma ground pin current in shutdown i shdn enable pin = 0.2v, v in = 5v 0.4 a enable pin = 0.2v, v in = 6v 3.3 16 a dropout voltage (note 10) v do i load = 3a, v out = 2.5v 120 185 mv i load = 2a, v out = 2.5v 81 125 mv output short circuit current (3a version) isc v out = 0v, v out + 0.4v < v in < 6v 5.0 a output short circuit current (2a version) v out = 0v, v out + 0.4v < v in < 6v 2.8 a thermal shutdown te m p e ra t u r e tsd v out + 0.4v < v in < 6v 160 c isl80102, ISL80103 6 fn6660.0 september 30, 2009 thermal shutdown hysteresis (rising threshold) tsdn v out + 0.4v < v in < 6v 15 c ac characteristics input supply ripple rejection psrr f = 1khz, i load = 1a; v in = 2.2v 55 db f = 120hz, i load = 1a; v in = 2.2v 62 output noise voltage i load = 10ma, bw = 300hz < f < 300khz 100 v rms enable pin characteristics turn- on th re sh old 2 .2 v < v in < 6v 0.3 0.8 0.95 v hysteresis (rising threshold) must be independent of v in , 2.2v < v in < 6v 135 mv enable pin turn-on delay c out = 10f, i load = 1a 150 s enable pin leakage current v in = 6v, en = 3v 1 a soft start characteristics in-rush current limit adjust r pd 323 i chg -7 -4.5 -2 a pg pin characteristics v out pg flag threshold 75 84 92 %v out v out pg flag hysteresis 4% pg flag low voltage i sink = 500a 47 100 mv pg flag leakage current v in = 6v, pg = 6v 0.05 1 a notes: 9. parameters with min and/or max limits are 100% tested at +2 5c, unless otherwise specified. temperature limits established by characterization and are not production tested. 10. dropout is defined by the difference in supply v in and v out when the supply produces a 2% drop in v out from its nominal value. 11. electromigration specification defined as lifetime average junction temperature of +110c where max rated dc current = lifetime average current. 12. minimum cap on v in and v out required for stability. 13. used when large bulk ca pacitance required on v out for application. electrical specifications unless otherwise noted, all parameters ar e established over the following specified conditions: v in = v out + 0.4v, v out = 1.8v, c in = c out = 10f, t j = +25c, i l = 0a applications must follow thermal guidelines of the package to determine worst case junction temperature. please refer to ?applicat ion section? on page 7 and tech brief tb379 . boldface limits apply over the operat ing temperature range, -40c to +125c. pulse load techniques used by ate to ensure t j = t a defines establ ished limits. (continued) parameter symbol test conditions min (note 9) typ max (note 9) units isl80102, ISL80103 7 fn6660.0 september 30, 2009 application section input voltage requirements despite other output voltages offered, this family of ldos is optimized for a true 2.5v to 1.8v conversion where the input supply can have a tolerance of as much as 10% for conditions noted in the ?electrical specifications? table on page 5. minimum guaranteed input voltage is 2.2v. however, due to the nature of an ldo, v in must be some margin higher than the output voltage plus dropout at the maximum rated current of the application if active filtering (psrr) is expected from v in to v out . the dropout spec of this family of ldos has been generously specified in order to allow applications to design for a level of efficiency that can accommodate the smaller outline package for those applications that cannot accommodate the profile of the to220/263. external capacitor requirements general guideline external capacitors are required for proper operation. careful attention must be paid to layout guidelines and selection of capacitor type and value to ensure optimal performance. output capacitor the required minimum output capacitor is 10f x5r/x7r to ensure stable operation. lower cost y5v and z5u type ceramic capacitors are acceptable if the size of the capacitor is larger to compensate for the significantly lower tolerance over x5r/x7r types (approximately 2x). additional capacitors of any value in ceramic, poscap or alum/tantalum electrolytic types may be placed in parallel to improve psrr at higher frequencies and/or load transient ac output voltage tolerances. this minimum capacitor must be connected to v out and ground pins of the ldo with pcb traces no longer than 0.5cm. input capacitor the minimum input capacitor required for proper operation is 10f having a ceramic dielectric. this minimum capacitor must be connected to v out and ground pins of the ldo with pcb traces no longer than 0.5cm. thermal fault protection in the event the die temperature exceeds typically +160c, then the output of the ldo will shut down until the die temperature can cool down to typically +145c. the level of power combined with the thermal impedance of the package (+50c/w for dfn) will determine if the junction temperature exceeds the thermal shutdown temperature specified in the ?electrical specifications? table on page 5 (see thermal packaging guidelines). current limit protection the isl80102/3 family of ldos incorporates protection against overcurrent due to any short or overload condition applied to the output pin. the current limit circuit performs as a constant current source when the output current exceeds the current limit threshold noted in the ?electrical specifications? table on page 5. if the short or overload condition is removed from v out , then the output returns to normal voltage mode regulation. in the event of an overload condition on the dfn package the ldo will begin to cycle on and off due to the die temperature exceeding thermal fault condition. the to220/263 package will tolerate higher levels of power dissipation on the die which may never thermal cycle if the heatsink of this larger package can keep the die temperature below the specified typical thermal shutdown temperature. functional description enable operation the enable turn-on threshold is typically 770mv with a hysteresis of 135mv. the enable pin doesn't have an internal pull-up or pull-down re sistor. as a result, this pin must not be left floating. this pin must be tied to v in if it is not used. a 1k to 10k pull-up resistor will be required for applications that use open collector or open drain outputs to control the enable pin. the enable pin may be connected directly to v in for applications that are always on. soft-start operation the soft start circuit controls the rate at which the output voltage comes up to regulation at power-up or coming out of a chip disable. a constant current charges an external soft start capacitor. the external capacitor always gets discharged to 0v at start-up of after coming out of a chip disable. the discharge rate is the rc time constant of r pd and c ss . the soft-start function effectively limits the amount of in-rush current below the programmed current limit during start-up or an enable sequence to avoid an overcurrent fault condition. this can be an issue for applications that require large, external bulk capacitances on v out where high levels of charging current can be seen for a significant period of time. high in-rush currents can cause v in to drop below minimum which could cause v out to shutdown. figure 3 shows the relationship between in-rush current and c ss with a c out of 1000f. 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 0 20406080100 css (nf) in-rush current limit (a) figure 3. in-rush current vs soft-start capacitance isl80102, ISL80103 8 fn6660.0 september 30, 2009 power-good operation the pgood circuit monitors v out and signals a fault condition when v out is below 84% of the nominal output voltage. the pgood flag is an open-drain nmos that can sink 10ma during a fault condition. the pgood pin requires an external pull up resistor which is typically connected to the vout pin. the pgood pin should not be pulled up to a voltage source greater than v in . during a fault condition, the pgood output is pulled low. the pgood fault can be caused by the current limit fault or low input voltage. the pgood does not function during thermal shutdown and when the part is disabled. output voltage selection an external resistor divider is used to scale the output voltage relative to the internal reference voltage. this voltage is then fed back to the error amplifier. the output voltage can be programmed to any level between 0.8v and 5v. an external resistor divider, r 1 and r 2 , is used to set the output voltage as shown in equation 1. the recommended value for r 2 is 500 to 1k . r 1 is then chosen according to equation 2: power dissipation the junction temperature must not exceed the range specified in the recommended operating conditions. the power dissipation can be calculated by using equation 3: the maximum allowed junction temperature, t j(max) and the maximum expected ambient temperature, t a(max) will determine the maximum allowed junction temperature rise ( t j ) as shown in equation 4: to calculate the maximum ambient operating temperature, use the junction-to-ambient thermal resistance ( ja ) for the dfn package with equation 5: substitute p d for p d(max) and the maximum ambient operating temperature can be found by solving for t a using equation 6: heatsinking the dfn package the dfn package uses the copper area on the pcb as a heat-sink. the epad of this package must be soldered to the copper plane (gnd plane) for heat sinking. figure 4 shows a curve for the ja of the dfn package for different copper area sizes. v out 0.5v r 1 r 2 ------ - 1 + ?? ?? ?? = (eq. 1) r 1 r 2 v out 0.5v --------------- - 1 ? ?? ?? = (eq. 2) p d v in v out ? () i out v in i gnd + = (eq. 3) t j t jmax () t amax () ? = (eq. 4) p dmax () t jmax () t a ? () ja ? = (eq. 5) t a t jmax p dmax () ja ? = (eq. 6) figure 4. 3mmx3mm-10 pin dfn on 4-layer pcb with thermal vias ja vs epad-mount copper land area on pcb 46 44 42 40 38 36 34 ja , c/w 24681012141618202224 epad-mount copper land area on pcb, mm 2 isl80102, ISL80103 9 fn6660.0 september 30, 2009 typical operating performance unless otherwise noted: v in = 2.2v, v out = 1.8v, c in = c out = 10f, t j = +25c, i l = 0a. figure 5. output voltage vs temperature figure 6. output voltage vs supply voltage figure 7. output voltage vs output current figure 8. ground current vs supply voltage figure 9. ground current vs output current figure 10. ground current vs output voltage 1.8 1.2 0.6 0 -0.6 -1.2 -1.8 -50 -25 0 25 50 75 100 125 150 v out (%) junction temperature (c) 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 0246 supply voltage (v) output voltage (v) 135 +125c +25c -40c -1.8 -1.2 -0.6 0.0 0.6 1.2 1.8 0 0.5 1.0 1.5 2.0 2.5 3.0 output current (a) v out (%) +125c +25c -40c 0 1 2 3 4 5 6 7 8 9 2 input voltage (v) ground current (ma) 3456 7.5 7.7 7.9 8.1 8.3 8.5 8.7 8.9 9.1 0 0.5 1.0 1.5 2.0 2.5 3.0 output current (a) ground current (ma) +125c +25c -40c 7.5 8.0 8.5 9.0 9.5 10.0 10.5 11.0 11.5 12.0 0.8 1.4 2.0 2.6 3.2 3.8 4.4 5.0 output voltage (v) current (ma) +125c +25c -40c isl80102, ISL80103 10 fn6660.0 september 30, 2009 figure 11. shutdown current vs temperature figure 12. shutdown current vs temperature figure 13. dropout voltage vs temperature figure 14. dropout voltage vs output current figure 15. enable threshold voltage vs temperature figure 16. power-up (v in = 2.2v) typical operating performance unless otherwise noted: v in = 2.2v, v out = 1.8v, c in = c out = 10f, t j = +25c, i l = 0a. (continued) 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 -40 -25 -10 5 20 35 50 65 80 95 110 125 temperature (c) ground current (a) v in = 5v 0 1 2 3 4 5 6 7 8 9 10 11 12 -40 -25 -10 5 20 35 50 65 80 95 110 125 temperature (c) ground current (a) v in = 6v 0 10 20 30 40 50 60 70 80 90 100 110 120 130 140 150 -40 -25 -10 5 20 35 50 65 80 95 110 125 temperature (c) dropout voltage (mv) 1a 2a 3a 0 10 20 30 40 50 60 70 80 90 100 110 120 130 140 150 0 0.5 1.0 1.5 2.0 2.5 3.0 output current (a) dropout voltage (mv) 0.30 0.35 0.40 0.45 0.50 0.55 0.60 0.65 0.70 0.75 0.80 0.85 0.90 -40 -25 -10 5 20 35 50 65 80 95 110 125 junction temperature (c) voltage (v) v in (1v/div) ss (1v/div) v out (1v/div) time (10ms/div) pg (1v/div) isl80102, ISL80103 11 fn6660.0 september 30, 2009 figure 17. power-down (v in = 2.2v) figure 18. enable start-up figure 19. enable shutdown figure 20. start-up time vs supply voltage figure 21. start-up time vs temperature figure 22. current limit vs temperature typical operating performance unless otherwise noted: v in = 2.2v, v out = 1.8v, c in = c out = 10f, t j = +25c, i l = 0a. (continued) v in (1v/div) ss (1v/div) v out (1v/div) time (10ms/div) pg (1v/div) ss (1v/div) v out (1v/div) pg (1v/div) time (50s/div) en (1v/div) ss (1v/div) v out (1v/div) pg (1v/div) time (5ms/div) en (1v/div) 0 50 100 150 200 250 300 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 input voltage (v) start-up time (s) 0 50 100 150 200 250 300 -40 -25 -10 5 20 35 50 65 80 95 110 125 junction temperature (c) start-up time (s) 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0 -40 -25 -10 5 20 35 50 65 80 95 110 125 junction temperature (c) current limit (a) isl80102 ISL80103 isl80102, ISL80103 12 fn6660.0 september 30, 2009 figure 23. current limit vs supply voltage figure 24. current limit response (isl80102) figure 25. thermal cycling (isl80102) figure 26. current limit response (ISL80103) figure 27. thermal cycling (ISL80103) figure 28. in-rush current with no soft-start capacitor, c out = 1000f typical operating performance unless otherwise noted: v in = 2.2v, v out = 1.8v, c in = c out = 10f, t j = +25c, i l = 0a. (continued) 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 input voltage (v) current limit (a) isl80102 ISL80103 iout (1a/div) vout (1v/div) time (10ms/div) i out (1a/div) v out (1v/div) time (100ms/div) i out (2a/div) v out (1v/div) time (20ms/div) i out (2a/div) v out (1v/div) time (50ms/div) i out (2a/div) v out (1v/div) time (1ms/div) en (1v/div) isl80102, ISL80103 13 fn6660.0 september 30, 2009 figure 29. in-rush with 22nf soft-start capacitor, c out = 1000f figure 30. in-rush with 47nf soft-start capacitor, c out = 1000f figure 31. load transient 0a to 3a, c out =10f ceramic figure 32. load transient 0a to 3a, c out = 10f ceramic + 100f oscon figure 33. load transient 1a to 3a, c out =10f ceramic figure 34. load transient 1a to 3a, c out = 10f ceramic + 100f oscon typical operating performance unless otherwise noted: v in = 2.2v, v out = 1.8v, c in = c out = 10f, t j = +25c, i l = 0a. (continued) i out (2a/div) v out (1v/div) time (1ms/div) en (1v/div) i out (2a/div) v out (1v/div) time (1ms/div) en (1v/div) i out (2a/div) v out (50mv/div) time (100s/div) 0a 3a i out (2a/div) v out (50mv/div) 0a 3a time (100s/div) i out (2a/div) v out (50mv/div) time (100s/div) 3a 1a i out (2a/div) v out (50mv/div) time (100s/div) 3a 1a isl80102, ISL80103 14 fn6660.0 september 30, 2009 figure 35. line transient figure 36. psrr vs load figure 37. psrr vs c out figure 38. psrr vs v in figure 39. spectral noise density vs frequency typical operating performance unless otherwise noted: v in = 2.2v, v out = 1.8v, c in = c out = 10f, t j = +25c, i l = 0a. (continued) v out (10mv/div) v in (1v/div) time (200s/div) 3.2v 2.2v 0 10 20 30 40 50 60 70 80 10 100 1k 10k 100k 1m frequency (hz) db 100ma 1a 0 10 20 30 40 50 60 70 80 10 100 10k 100k 1m frequency (hz) db 1k 47f 100f 10f i l = 100ma 0 10 20 30 40 50 60 70 80 10 100 1k 10k 100k 1m frequency (hz) db 2.2v 2.5v 2v i l = 1a 0.01 0.1 1 10 10 100 1k 10k 100k 1m frequency (hz) noise v/ hz isl80102, ISL80103 15 intersil products are manufactured, assembled and tested utilizing iso9000 qu ality systems as noted in the quality certifications found at www.intersil.com/design/quality intersil products are sold by description only. intersil corporation reserves the right to make changes in circuit design, soft ware and/or specifications at any time without notice. accordingly, th e reader is cautioned to verify that data sheets are current before placing orders. information furnished by intersil is believed to be accura te and reliable. however, no re sponsibility is assumed by inte rsil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which ma y result from its use. no licen se is granted by implication o r otherwise under any patent or patent rights of intersil or its subsidiaries. for information regarding intersil corporation and its products, see www.intersil.com fn6660.0 september 30, 2009 for additional products, see www.intersil.com/product_tree products intersil corporation is a leader in the design and manuf acture of high-performance analog semiconductors. the company's products address some of the industry's fastest growing markets, such as, flat panel displays, cell phones, handheld products, and notebooks. intersil's product families address power management and analog signal processing functions. go to www.intersil.com/products for a complete list of intersil product families. *for a complete listing of applications, related documentat ion and related parts, please see the respective device information page on intersil.com: isl80102, ISL80103 to report errors or suggestions for this datasheet, please go to www.intersil.com/askourstaff fits are available from our website at http://rel.intersil.com/reports/search.php revision history the revision history provided is for informat ional purposes only and is believed to be accurate, but not warranted. please go t o web to make sure you have the latest rev. date revision change 09/30/09 fn6660.0 initial release. isl80102, ISL80103 16 fn6660.0 september 30, 2009 isl80102, ISL80103 package outline drawing l10.3x3 10 lead dual flat package (dfn) rev 6, 09/09 located within the zone indicated. the pin #1 indentifier may be unless otherwise specified, tolerance : decimal 0.05 tiebar shown (if present) is a non-functional feature. the configuration of the pin #1 id entifier is optional, but must be between 0.18mm and 0.30mm from the terminal tip. lead width applies to the metallized terminal and is measured dimensions in ( ) for reference only. dimensioning and tolerancing conform to amse y14.5m-1994. 6. either a mold or mark feature. 3. 5. 4. 2. dimensions are in millimeters. 1. notes: bottom view detail "x" side view typical recommended land pattern top view (4x) 0.10 index area pin 1 pin #1 index area c seating plane base plane 0.08 see detail "x" c c 5 6 6 a b 0.10 c 1 package 1.00 0.20 8x 0.50 2.00 3.00 (10x 0.23) (8x 0.50) 2.00 1.60 (10 x 0.55) 3.00 0.05 0.20 ref 10 x 0.23 10x 0.35 1.60 outline max (4x) 0.10 ab 4 c m 0.415 0.23 0.35 0.200 2 4 |
Price & Availability of ISL80103 |